PART |
Description |
Maker |
CM3019-33ST CM3019 CM3019-00 CM3019-00MA CM3019-00 |
Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mA的LDO稳压器的CMOS Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mALDO稳压器的CMOS Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No Micropower, 500mA Low Noise LDO CMOS Regulator
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
LT1763IDE-1.5 LT1763IDE-1.5-PBF LT1763IDE-1.5-TR L |
500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 7; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 4 X 3 MM, 0.75 MM HEIGHT, LEAD FREE, PLASTIC, MO-229WGED, DFN-12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO12 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1763CS8-2.5PBF LT1763CS8-2.5TR LT1763CS8-2.5TRPB |
500mA, Low Noise, LDO Micropower Regulators
|
Linear Technology
|
LT1763CDE LT1763CDE-1.5 LT1763CDE-1.5PBF LT1763CDE |
500mA, Low Noise, LDO Micropower Regulators
|
Linear Technology
|
SPX3819_07 SPX3819 SPX3819M5 SPX3819M5_TR SPX3819M |
500mA, Low-Noise LDO Voltage Regulator
|
http:// SIPEX[Sipex Corporation]
|
SP6203EM5-L |
300mA/500mA Low Noise CMOS LDO Regulators
|
Exar Corporation
|
RT9167-30CB RT9167-30CBR RT9167-30CS RT9167A-15CB |
LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR
|
ETC
|
ACE50945BMH ACE50915BMH ACE50945EPH ACE50945ANH AC |
Low noise, fast response 500mA LDO regulator Low noise, fast response 500mA LDO regulator
|
ACE Technology Co., LTD. ACE Technology Co., LTD...
|
SPX3819 SPX3819M5 SPX3819M5-3.3 SPX3819S-2.5 SPX38 |
500 mA, Low-Noise LDO Voltage Regulator 500 mA Low-Noise LDO Voltage Regulator 500mA, Low-Noise LDO Voltage Regulator
|
http:// SIPEX[Sipex Corporation]
|
MAX8902B MAX8902BATAT |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
|
Maxim Integrated Produc...
|
X8902A |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
|
Maxim Integrated Products, Inc.
|